Part Number Hot Search : 
CY28442 R1100 TGA2505 LHC12SA3 Z86E23 TEA2130 00031 M3401
Product Description
Full Text Search
 

To Download IF0512SD-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IF_S-1W/ IF_D-1W Series
1W, FIXED INPUT ISOLATED & REGULATED SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
multi-country patent protection RoHS
FEATURES
SIP/DIP Package 3KVDC Isolation Temperature Range: -40C to +85C Industry Standard Pinout No Heat sink Required No External Component Required PCB Mounting RoHS Compliance Short Circuit Protection
PRODUCT PROGRAM
Input Part Number IF0505S/D-W75 IF0505S/D-1W IF0509S/D-1W IF0512S/D-1W IF0515S/D-1W IF1205S/D-W75 IF1205S/D-1W 5 4.75-5.25 Voltage (VDC) Nominal Range Voltage (VDC) 5 5 9 12 15 5 5 12 11.4-12.6 9 12 15 5 5 24 22.8-25.2 9 12 15 Output Current (mA) Max 150 200 111 83 67 150 200 111 83 67 150 200 111 83 67 Min 15 20 12 9 7 15 20 12 9 7 15 20 12 9 7 68 66 70 72 73 68 67 71 73 74 68 67 72 73 74 SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP Efficiency Package (%, Typ) Style
APPLICATIONS
The IF_S(D)-1W Series are specially designed for applications where a single power supply is highly isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation 5%); 2) Where isolation is necessary between input and output (isolation voltage 3000VDC); 3) Where the regulation of the output voltage and the output ripple and noise are demanding.
IF1209S/D-1W IF1212S/D-1W IF1215S/D-1W IF2405S/D-W75 IF2405S/D-1W IF2409S/D-1W IF2412S/D-1W IF2415S/D-1W
Note: The IF_S(D)-W25 Series also available in our company.
ISOLATION SPECIFICATIONS
Item Isolation voltage Isolation resistance Test condition Tested for 1 minute Test at 500VDC Min 3000 1000 Typ Max Units VDC M
MODEL SELECTION
Rated Power Package Style Output Voltage Input Voltage Product Series
OUTPUT SPECIFICATIONS
Item Output power Line regulation Load regulation For Vin change of 5% 10% to 100% full load Test condition Min 0.1 Typ Max 1 0.25 1 3 0.03 10 50 100 20 100 KHz %/C mVp-p % Units W
Output voltage accuracy 100% full load Temperature drift Output ripple* Output noise* 100% full load 20MKHz bandwidth 20MKHz bandwidth Full load, nominal input voltage
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax:86-20-38601272 Http://www.mornsun-power.com
Switching frequency
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of
Power Converter section, application notes. Note: 1.All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2.See below recommended circuits for more details.
MORNSUN reserves the copyright
Specifications subject to change without notice.
IF_S(D)-1W
A/0-2008
Page 1 of 2
COMMON SPECIFICATION
Item Storage humidity range No-load power consumption Storage humidity range Operating temp. range Temp. rise at full load Lead temperature Short circuit protection Cooling Case material MTBF 1.5mm from case for 10 seconds IFXX05S/D-1W* Others -55 -40 15 10 125 85 25 300 1 Continuous Free air convection Plastic (UL94-V0) 3500 K hours S C Test condition Min Typ Max 95 Units %
APPLICATION NOTE
Requirement On Output Load To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of DC/DC converter in addition to a maximum load (namely full load). During operation, make sure the specified range of input voltage is not exceeded, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company's products with a lower rated output power (IF_S(D) -W25 Series). Filtering
*Supply voltage must be discontinued at the end of short circuit duration.
TYPICAL CHARECTERISTICS
Temperature Derating Graph
In some circuits which are sensitive to noise and ripple, a filtering capacitor may be added to the DC/DC output end and input end to reduce the noise and ripple. However, the capacitance of the output filter capacitor must proper. If the capacitance is too big, a startup problem might arise. For every channel of output, providing the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor refer to (Table 1). EXTERNAL CAPACITOR TABLE (TABLE 1)
Vin (VDC) 5 12 24 Cin (uF) 4.7 2.2 1 Vout (VDC) 5 9 12 15 Cout (uF) 10 4.7 2.2 1
Operating Temp.( C )
OUTLINE DIMENSIONS& RECOMMENDED FOOTPRINT
First Angle Projection
IFXXXXS-1W SIP Package
(0.7 72) (0.3 74) (0 .27 6)
It's not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
To get an extrem ely low ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, which may
(0. 161)
IFXXXXD-1W DIP Package
(0.787)
produce a more significant filtering effect. It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference (Figure 1).
0.50 (0.020) (0.03 5) (0.60) (0 .30 ) (0.3 94)
(0.161 )
(Side View)
6.00 (0. 236 )
L
L
12
4
(Bottom View)
Vin 1 14 9 7
C
+Vo
DC DC
(Figure 1)
C
GND
(0.079)
(0.5 00)
0V
RECOMMENDED FOOT PRINT Top view,grid:2.54*2.54mm(0.1*0.1inch) , diameter:1.00mm(0.039inch)
14 1 2 4 1 9 7
Overload Protection Under normal operating conditions, the output circuit of these products has no protection against over-current and short-circuits. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit.
FOOTPRINT DETAILS Pin 1 7 9 11 14 GND NC +Vo 0V Vin
FO OT PRINT DETAILS Pin 1 Vin GND 2 4 0V +Vo 6
When the environment temperature is higher than 71C, the product output power should be less then 60% of the rated power. No parallel connection or plug and play.
Note: Unit:mm( inch) Pin section :0.50*0.30mm(0.020*0.012inch) Pin tolerances: 0.10mm( 0.0 04inch) General tolerances: 0.25mm( 0.010inch)
MORNSUN reserves the copyright
Specifications subject to change without notice.
IF_S(D)-1W
A/0-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of IF0512SD-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X